PART |
Description |
Maker |
FMB1020 |
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package 500 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
|
Delta Electronics, Inc. FAIRCHILD[Fairchild Semiconductor]
|
DSS5540X-13 |
40V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR 4000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
MMPQ3906 |
SURFACE MOUNT PNP SILICON QUAD TRANSISTOR 200 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
DCP51-16-13 DCP51-13 |
PNP SURFACE MOUNT TRANSISTOR 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes, Inc.
|
DPLS315E-13 |
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR 3000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
CMPTH81 |
SMD Small Signal Transistor PNP RF Ocillator SURFACE MOUNT PNP SILICON RF TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
CMLT2907A |
SMD Small Signal Transistor Dual PNP General Purpose Amplifier/Switc SURFACE MOUNT DUAL PNP SILICON TRANSISTORS SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
BC807-XX-7-F BC807-25-7-F |
PNP SURFACE MOUNT TRANSISTOR 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated 3M Company
|
DSS60600MZ4 DSS60600MZ4-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 6 A, 60 V, PNP, Si, POWER TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
CMPTA77 |
SMD Small Signal Transistor PNP Darlington SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
2N2907ADCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|